Part Number Hot Search : 
2SK3229 UPA573T M37220M3 AD842KH LM340A 8316AKT LM239 8316AKT
Product Description
Full Text Search
 

To Download KBL10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBL005 thru KBL10
Vishay Semiconductors
formerly General Semiconductor
Single-Phase Bridge Rectifier
Case Style KBL
0.755 (19.18) 0.745 (18.92)
Reverse Voltage 50 and 1000 V Forward Current 4.0 A
Features
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * This series is UL listed under the Recognized Component Index, file number E54214 * High case dielectric strength of 1500 VRMS * Ideal for printed circuit boards * High forward surge current capability * High surge current capability * High temperature soldering guaranteed: 260C/10 seconds, 0.375 (9.5mm) lead length, 5lbs. (2.3kg) tension
0.630 (16.0) 0.620 (15.75)
1.1 (27.94) MIN.
1.0 (25.4) MIN.
Mechanical Data
Case: Molded plastic body
0.052 (1.32) 0.048 (1.22) DIA. 0.220 (5.59) 0.180 (4.57)
Terminals: Plated leads solderable per MIL-STD-750, Method 2026 Mounting Position: Any Weight: 0.2 oz., 5.6 g Packaging codes/options: 1/300 EA. per Bulk Tray Stack
0.085 (2.18) 0.081 (2.06)
0.255 (6.48) 0.245 (6.22)
Dimensions in inches and (millimeters)
Maximum Ratings & Thermal Characteristics
Ratings at 25C ambient temperature unless otherwise specified.
KBL Symbols 005 Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward output current at TA=50C Peak forward surge current single sine-wave superimposed on rated load (JEDEC Method) TJ=150C Typical thermal resistance per leg (NOTE 1)
(NOTE 2)
KBL 01 100 70 100
KBL 02 200 140 200
KBL 04 400 280 400 4.0
KBL 06 600 420 600
KBL 08 800 560 800
KBL 10 1000 700 1000
Units V V V A A C/W C
VRRM VRMS VDC IF(AV) IFSM RJA RJL
50 35 50
200 19 2.4 -50 to +150
Operating junction storage and temperature range TJ, TSTG
Electrical Characteristics
Ratings at 25C ambient temperature unless otherwise specified.
Maximum instantaneous forward drop per leg at 4.0 A Maximum DC reverse current at rated TA= 25C DC blocking voltage per leg TA=125C
VF IR
1.1 5.0 1.0
V A mA
Notes: (1) Thermal resistance from junction to ambient with units mounted on 3.0 x 3.0 x 0.11" thick (7.5 x 7.5 x 0.3cm) Al. plate (2) Thermal resistance from junction to lead with units mounted on P.C.B. at 0.375" (9.5mm) lead length and 0.5 x 0.5" (12 x 12mm) copper pads
Document Number 88655 07-Oct-02
www.vishay.com 1
KBL005 thru KBL10
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig. 1 - Derating Curve Output Rectified Current
4.0 200
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current Per Leg
TJ = 150C Single Sine-Wave (JEDEC Method)
Peak Forward Surge Current (A)
Average Forward Current (A)
Heatsink Mounted 3.0" sq. x 0.06" Thk (7.5 x 0.15cm) Copper Plate 3.0
175 150 125 100 75 50
2.0 P.C.B. Mounting 0.375" (9.5mm) Lead Length 60 HZ Resistive or Inductive Load
1.0
1.0 Cycle
25 1 10 100
0 0 50 100 150
Temperature (C)
Number of Cycles at 60 HZ
Fig. 3 - Typical Instantaneous Forward Characteristics Per Leg
100 10
Fig. 4 - Typical Reverse Leakage Characteristics Per Leg
Instantaneous Reverse Current (A)
Instantaneous Forward Current (A)
1.0 TJ = 25C Pulse Width = 300s 1% Duty Cycle 1
1
TJ = 100C
0.1 TJ = 25C
0.1 0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0.01 0 20 40 60 80 100
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 5 - Typical Junction Capacitance Per Leg
250 TJ = 25C f = 1.0MHZ Vsig = 50mVp-p
Junction Capacitance, pF
200
150
100
50
0 0.1
1
10
100
Reverse Voltage (V) www.vishay.com 2 Document Number 88655 07-Oct-02


▲Up To Search▲   

 
Price & Availability of KBL10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X